Part Number Hot Search : 
PN16229 SM1010 HT46R M2021 BD4148SE AD812 MM3Z18VB 2SD2212
Product Description
Full Text Search
 

To Download IXFR24N100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
HiPerFETTM Power MOSFETs IXFR 24N100 VDSS = 1000 V ISOPLUS247TM 22 A ID25 =
(Electrically Isolated Back Surface) Single MOSFET Die
RDS(on) = 0.39 W trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL VISOL Weight
Test Conditions T J = 25C to 150C T J = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, Note 1 TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS T J 150C, RG = 2 W TC = 25C
Maximum Ratings 1000 1000 20 30 22 96 24 60 3 5 400 -55 ... +150 150 -55 ... +150 V V V V A A A mJ J V/ns W C C C C V~ g
ISOPLUS 247TM
G
D
Isolated back surface*
G = Gate S = Source * Patent pending
D = Drain
Features * Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation * Low drain to tab capacitance(<30pF) * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Unclamped Inductive Switching (UIS) rated * Fast intrinsic Rectifier Applications * DC-DC converters * Battery chargers * Switched-mode and resonant-mode power supplies * DC choppers * AC motor control Advantages * Easy assembly * Space savings * High power density
1.6 mm (0.063 in.) from case for 10 s 50/60 Hz, RMS t = 1 min
300 2500 5
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 1000 2.5 V 5.0 V 100 nA TJ = 25C TJ = 125C 100 mA 2 mA 0.39 W
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 3mA VDS = VGS, ID = 8mA VGS = 20 V, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = 24A Note 1
IXYS reserves the right to change limits, test conditions, and dimensions.
98599 (3/99)
(c) 2000 IXYS All rights reserved
1-2
IXFR 24N100
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. Note 2 15 22 7000 VGS = 0 V, VDS = 25 V, f = 1 MHz 750 260 35 VGS = 10 V, VDS = 0.5 * VDSS, ID = 24A RG = 1 W (External), 35 75 21 250 VGS = 10 V, VDS = 0.5 * VDSS, ID = 24A 55 135 0.30 0.15 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. Millimeter Min. Max. A 4.83 5.21 A1 2.29 2.54 A2 1.91 2.16 b 1.14 1.40 1.91 2.13 b1 b2 2.92 3.12 C 0.61 0.80 D 20.80 21.34 E 15.75 16.13 e 5.45 BSC L 19.81 20.32 L1 3.81 4.32 Q 5.59 6.20 R 4.32 4.83 S 13.21 13.72 T 15.75 16.26 U 1.65 3.03 Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190 .520 .540 .620 .640 .065 .080 1 Gate, 2 Drain (Collector) 3 Source (Emitter) 4 no connection
ISOPLUS 247 (IXFR) OUTLINE
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = 24A
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive; pulse width limited by TJM IF = IS, VGS = 0 V, Note 1
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 24 96 1.5 250 A A V ns mC A
IF = IS,-di/dt = 100 A/ms, VR = 100 V
1.0 8
Note: 1. Pulse width limited by TJM 2. Pulse test, t 300 ms, duty cycle d 2 %
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFR24N100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X